Part Number Hot Search : 
F2812 ZK102 E006854 HPA17B FR3910 TDA3803A SC4004 TMP80C
Product Description
Full Text Search
 

To Download ULLC0402FC05C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05192
ULLC0402FC3.3C*
thru
Only One Name Means ProT ek'TionTM
ULLC0402FC24C*
UNBUMPED LOW CAPACIT ANCE FLIP CHIP ARRA Y
APPLICA TIONS Cellular Phones Personal Digital Assistant (PDA) Notebook Computers SMART Cards IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns FEA TURES ESD Protection > 25 kilovolts Available in Six Voltage Types Ranging From 3.3V to 24V Low ESD Overshoot Voltage Bidirectional Configuration & Monolithic Structure Protects 1 Line LOW CAPACITANCE: 6pF LOW LEAKAGE CURRENT MECHANICAL CHARACTERISTICS Standard EIA Chip Size: 0402 Weight 0.73 milligrams (Approximate) Flammability Rating UL 94V-0 8mm Plastic & Paper Tape and Reel Per EIA Standard 481 Device Marking On Reel
U0402
PIN CONFIGURA TION
*PA TENT PENDING
05192.R0 8/03
1
www.protekdevices.com
ULLC0402FC3.3C*
thru
ULLC0402FC24C*
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Operating Temperature Storage Temperature SYMBOL TJ TSTG VALUE -55C to 150C -55C to 150C UNITS C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER (See Note 1) RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM LEAKAGE CURRENT TYPICAL CAPACITANCE
VWM VOLTS ULLC0402FC3.3C ULLC0402FC05C ULLC0402FC08C ULLC0402FC12C ULLC0402FC15C ULLC0402FC24C
Note 1: All devices are bidirectional.
@ 1mA V(BR) VOLTS 4.0 6.0 8.5 13.3 16.7 26.7
@VWM ID A 75 1.0 0.1 0.1 0.1 0.1
@0V, 1 MHz C pF 6 6 6 6 6 6
3.3 5.0 8.0 12.0 15.0 24.0
FIGURE 1 REFLOW SOLDER PROFILE
225C 5-10 sec 200C Instantaneous to 200C
1-2 Minutes to 150C 100C
1-2 Minutes to 25C
Pre-Heat Time
Soldering Time
Cool Down Time
Note: This reflow profile does not take into account the printed circuit board (PCB) material heating time. Additional time may be required for the preheat time and cool down time upon the PCB or board material.
*PA TENT PENDING
05192.R0 8/03
2
www.protekdevices.com
ULLC0402FC3.3C*
thru
ULLC0402FC24C*
GRAPHS
FIGURE 2 OVERSHOOT & CLAMPING VOLTAGE FOR ULLC0402FC05C
35
25
5 Volts per Division
15
5
-5 ESD Test Pulse - 25 kilovolt, 1/30ns (waveshape)
FIGURE 3 CAPACITANCE VS REVERSE VOLTAGE FOR ULLC0402FC05C
10
8
Cj - Capacitance - pF
6
4
2
0 0 1 2 3 4 5 6
VR - Reverse Voltage - Volts
*PA TENT PENDING
05192.R0 8/03
3
www.protekdevices.com
ULLC0402FC3.3C*
thru
ULLC0402FC24C*
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE U0402
TOP
SIDE
A
C
B
PACKAGE DIMENSIONS DIM
A B C D E F I
MILLIMETERS
0.46 NOM 0.86 NOM 0.99 0.0254 0.10 NOM 0.35 NOM 0.483 0.0254 0.406 NOM
INCHES
0.018 NOM 0.034 NOM 0.039 0.001 0.004 NOM 0.014 NOM 0.019 0.001 0.016 NOM
E F Metalized Die Contacts
D
END
I
NOTES: 1. Controlling dimensions in inches. 2. Decimal tolerances for mounting pad and outline: .xxx 0.05mm ( 0.002"). 3. Maximum chip size: 1.02 (0.040") by 0.51(0.020").
MOUNTING PAD DIM
C B A
D
PAD DIMENSIONS MILLIMETERS
0.23 0.48 0.69 0.46 0.99 0.20 0.20 0.66 0.13
INCHES
0.009 0.019 0.027 0.018 0.039 0.008 0.008 0.026 0.005
SOLDER PAD
DIE CONTACTS
A B C D E F G H I
DIE
H
E
NOTE: 1. Top view of tape. Metal contacts are face down in tape package.
F
I
T APE & REEL ORIENT TION A
SOLDER PRINT DIAMETER 0.010" 0.012"
G
Single Die - 0402
TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA 481. 2. 8mm Plastic Tape: 7 Inch Reels - 5,000 pieces per reel. Ordering Suffix: -T75-1 (i.e., ULLC0402FC05C-T75-1). 3. 8mm Paper Tape: 7 Inch Reels -10,000 pieces per reel. Ordering Suffix: -T710-2 (i.e., ULLC0402FC05C-T710-2).
NOTE: 1. Preferred: Using 0.1mm (0.004") stencil. Outline & Dimensions: Rev 3 - 11/02, 06020
COPYRIGHT (c) ProTek Devices 2003 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
*PA TENT PENDING
05192.R0 8/03
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of ULLC0402FC05C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X